Part Number Hot Search : 
F25L08PA M108I C4297 5KP150 11EWA NTE14 CR10C 16NO7
Product Description
Full Text Search
 

To Download AE512PJB155MSZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifcations subject to change without notice. please check our website for latest information. document ae587-1 revised 06/07/11 6235 power inductors outgassing compliant power inductors ae512pjb core material ferrite terminations tin-lead (63/37) over tin over nickel. weight 460 C 480 mg ambient temperature C55c to +105c with i rms current, +105c to +155c with derated current storage temperature component: C55c to +155c. tape and reel packaging: C55c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) enhanced crush-resistant packaging 350/7reel plastic tape: 12 mm wide, 0.3 mm thick, 8 mm pocket spacing, 3.68 mm pocket depth recommended pick and place nozzle od: 6.2 mm; id: 3.1 mm high temperature materials allow operation in ambient temperatures up to 155c. passes nasa low outgassing specifcations special construction allows it to pass vibration testing to 80 g and shock testing to 1000 g. tin-lead (sn-pb) termination for the best possible board adhesion dcr 3 srf isat (a) 5 irms (a) 6 inductance 2 max (mhz) 4 10% 20% 30% 20c 40c part number 1 20% (h) (ohms) min typ drop drop drop rise rise ae512pjb682msz 6.8 0.075 39 55 2.6 2.7 2.8 1.0 1.5 ae512pjb822msz 8.2 0.095 34 48 2.5 2.6 2.7 1.0 1.5 ae512pjb103msz 10.0 0.100 26 37 2.3 2.4 2.5 1.0 1.4 ae512pjb123msz 12.0 0.110 20 29 1.9 2.2 2.3 1.0 1.4 ae512pjb153msz 15.0 0.125 18 25 1.9 2.0 2.0 0.97 1.4 ae512pjb183msz 18.0 0.140 17 24 1.7 1.8 1.9 0.96 1.3 ae512pjb223msz 22.0 0.145 17 24 1.6 1.7 1.7 0.88 1.3 ae512pjb333msz 33.0 0.180 11 16 1.3 1.4 1.5 0.80 1.0 ae512pjb473msz 47.0 0.245 9.0 13 1.1 1.2 1.2 0.64 0.92 ae512pjb563msz 56.0 0.280 8.4 12 1.0 1.0 1.1 0.60 0.86 ae512pjb683msz 68.0 0.345 7.6 10.8 0.90 0.94 0.96 0.58 0.80 ae512pjb823msz 82.0 0.315 7.0 10.0 0.46 0.52 0.55 0.58 0.76 ae512pjb104msz 100.0 0.375 6.3 9.0 0.46 0.52 0.54 0.56 0.72 ae512pjb124msz 120.0 0.435 5.8 8.3 0.44 0.48 0.51 0.48 0.64 ae512pjb154msz 150.0 0.535 5.1 7.3 0.37 0.43 0.45 0.42 0.58 ae512pjb224msz 220.0 0.720 4.0 5.6 0.31 0.36 0.37 0.36 0.51 ae512pjb334msz 330.0 1.02 3.0 4.4 0.26 0.29 0.30 0.32 0.44 ae512pjb474msz 470.0 1.58 2.5 3.6 0.22 0.25 0.26 0.29 0.40 ae512pjb564msz 560.0 1.75 2.2 3.1 0.20 0.22 0.23 0.26 0.37 ae512pjb684msz 680.0 1.97 2.0 2.8 0.17 0.19 0.21 0.22 0.32 ae512pjb824msz 820.0 2.70 1.8 2.5 0.16 0.18 0.19 0.21 0.26 ae512pjb105msz 1000.0 3.20 1.5 2.2 0.14 0.17 0.18 0.19 0.24 AE512PJB155MSZ 1500.0 4.60 1.3 1.9 0.12 0.13 0.14 0.15 0.21 ae512pjb185msz 1800.0 5.42 1.2 1.7 0.11 0.12 0.13 0.14 0.18 ae512pjb225msz 2200.0 6.40 1.0 1.5 0.090 0.11 0.11 0.13 0.18 ae512pjb335msz 3300.0 8.90 0.8 1.1 0.080 0.090 0.10 0.11 0.14 ae512pjb475msz 4700.0 14.0 0.66 0.94 0.070 0.077 0.084 0.095 0.12 ae512pjb565msz 5600.0 16.4 0.6 0.86 0.070 0.080 0.085 0.080 0.10 ae512pjb685msz 6800.0 21.4 0.56 0.80 0.070 0.075 0.080 0.070 0.095 ae512pjb825msz 8200.0 24.0 0.49 0.70 0.062 0.070 0.078 0.065 0.090 ae512pjb106msz 10000.0 29.0 0.43 0.61 0.059 0.067 0.074 0.060 0.075 1. when ordering, please specify testing code: ae512pjb106msz testing: z = cots h = screening per coilcraft cp-sa-10001 n = screening per coilcraft cp-sa-10004 2. inductance tested at 100 khz, 0.1 vrms using an agilent/hp 4192a. 3. dcr measured on a micro-ohmmeter. 4. srf measured using an agilent/hp 8753es or equivalent. 5. typical dc current that causes the specifed inductance drop from its value without current. 6. typical current that causes the specifed temperature rise from 25c ambient. 7. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. 1102 silv er lak e road car y il 60013 phone fa x 800-981-0363 847-639-1508 e-mail we b cps@coilcraft.com www .coilcraft-cps .com ? ? coilcraft, inc. 2011
specifcations subject to change without notice. please check our website for latest information. ae512pjb series (6235) 6235 power inductors document ae587-2 revised 06/07/11 typical l vs current typical l vs frequency typical current derating dimensions are in inches mm 1 10 10000 1000 100 0.01 0.1 11 0 frequency (mhz) inductance (h) 3300 h 10 h 33 h 1000 h 330 h 100 h 1 10 10000 1000 100 0.01 0.1 11 0 current (a) inductance (h) 33 h 330 h 1000 h 3300 h 100 h 10 h ? height dimension is after mounting. fo r maximum height dimension bef ore mounting, add 0.006 in / 0,152 mm. ? 0.236 0.003 6,00 0,076 0.236 0.003 6,00 0,076 0.167 4,25 0.167 4,25 0.079 2,00 0.079 2,00 0.260 6,60 0.260 6,60 0.071 1,80 * * dimensions are of the case not including the ter mination. fo r maximum ov erall dimensions including the ter mination, add 0.005 i n/0,13 mm. * recommended land p attern 0.165 4,20 0.165 4,20 0.039 1,00 typ typ 0.039 1,00 0.138 0.004 3,5 0,10 a mbient t emperatur e (c) pe r cent of r ated c urrent i sat i rm s -40 -55 -20 02 04 06 08 0 100 160 140 120 120 110 100 90 80 70 60 50 40 30 20 10 0 25c 1102 silv er lak e road car y il 60013 phone fa x 800-981-0363 847-639-1508 e-mail we b cps@coilcraft.com www .coilcraft-cps .com ? ? coilcraft, inc. 2011


▲Up To Search▲   

 
Price & Availability of AE512PJB155MSZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X